jiangsu changjiang electronics technology co., ltd sot-23 plastic-encapsulate transistors BC808 transistor (pnp) features z suitable for af-driver stages and low power output stages z complement to bc818 maximum ratings (t a =25 unless otherwise noted) symbol parameter value unit v cbo collector-base voltage -30 v v ceo collector-emitter voltage -25 v v ebo emitter-base voltage -5 v i c collector current ?continuous -0.8 a p c* collector power dissipation 300 mw t j junction temperature 150 t stg storage temperature -65-150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions m in t yp max unit collector-base breakdown voltage v (br)cbo i c =-100 a, i e =0 -30 v collector-emitter breakdown voltage v (br)ceo i c = -10 ma, i b =0 -25 v emitter-base breakdown voltage v (br)ebo i e = -100 a, i c =0 -5 v collector cut-off current i cbo v cb = -25 v, i e =0 -0.1 a emitter cut-off current i ebo v eb = -4 v, i c =0 -0.1 a h fe(1) v ce = -1 v, i c = -100 ma 100 630 dc current gain h fe(2) v ce = -1 v, i c = -300 ma 60 collector-emitter saturation voltage v ce(sat) i c =- 500 ma, i b = -50 ma -0.7 v base-emitter voltage v be v ce = -1 v, i c = -300 ma -1.2 v transition frequency f t v ce = -5 v, i c = -10 ma, f= 50 mhz 100 mhz collector output capacitance c ob v cb = -10 v, i e =0, f= 1 mhz 12 pf classification of h fe rank 16 25 40 range h fe(1) 100-250 160-400 250-630 marking 5e 5f 5g so t -23 1. base 2. emitter 3. collector www.cj-elec.com 1 a,jun,2014 www.cj-elec.com b,oct,2014 j c ( t a,may,2011
min m a x min max a 0.900 1.150 0.035 0.045 a1 0.000 0.100 0.000 0.004 a2 0.900 1.050 0.035 0.041 b 0.300 0.500 0.012 0.020 c 0.080 0.150 0.003 0.006 d 2.800 3.000 0.110 0.118 e 1.200 1.400 0.047 0.055 e1 2.250 2.550 0.089 0.100 e e1 1.800 2.000 0.071 0.079 l l1 0.300 0.500 0.012 0.020 0 8 0 0.550 ref 0.022 ref symbol dimensions in inches dimensions in millimeters 0.950 typ 0.037 typ 6 2 7 3 d f n d j h 2 x w o l q h ' l p h q v l r q v 6 2 7 6 x j j h v w h g 3 d g / d \ r x w www.cj-elec.com 2 a,jun,2014 www.cj-elec.com b,oct,2014
so t -23 tape and reel
|